STBS056 - SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR JFET; Continuous Drain Current, Id:1mA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.5V; Leaded Process Compatible:No; Mounting Type:Through Hole; On-Resistance, Rds(on):750ohm RoHS Compliant: No JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:90uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.8V; Leaded Process Compatible:No JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:240uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-3V; Leaded Process Compatible:No MOSFET, N SC-75AMOSFET, N SC-75A; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:20V; Case style:SC-75A; Current, Id cont:0.5A; Current, Idm pulse:1A; Power, Pd:0.15W; Resistance, Rds on:1.25R; SMD:1; Depth, |